Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9658 Datasheet (PDF) - Renesas Technology Corp

MPC9658 Datasheet PDF - Renesas Technology Corp
Part # MPC9658
Download  MPC9658 Download
File Size   681.74 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:10 LVCMOS PLL Clock Generator

MPC9658 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9658 Datasheet PDF - Renesas Technology Corp

Part # MPC9658
Download  MPC9658 Click to download

File Size   681.74 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:10 LVCMOS PLL Clock Generator

MPC9658 Datasheet (HTML) - Renesas Technology Corp


MPC9658 Product details

The MPC9658 is a 3.3 V compatible, 1:10 PLL based clock generator and
zero-delay buffer targeted for high performance low-skew clock distribution in
mid-range to high-performance telecom, networking and computing applications.
With output frequencies up to 250 MHz and output skews less than 120 ps the
device meets the needs of the most demanding clock applications. The
MPC9658 is specified for the temperature range of 0°C to +70°C.
Features
• 1:10 PLL based low-voltage clock generator
• Supports zero-delay operation
• 3.3 V power supply
• Generates clock signals up to 250 MHz
• Maximum output skew of 120 ps
• Differential LVPECL reference clock input
• External PLL feedback
• Drives up to 20 clock lines
• 32-lead LQFP packaging
• 32-lead Pb-free Package Available
• Pin and function compatible to the MPC958
• NRND – Not Recommend for New Designs




Similar Part No. - MPC9658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
More results


Similar Description - MPC9658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com