Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9772 Datasheet (PDF) - Motorola, Inc

MPC9772 Datasheet PDF - Motorola, Inc
Part # MPC9772
Download  MPC9772 Download
File Size   238.4 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9772 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9772 Datasheet PDF - Motorola, Inc

Part # MPC9772
Download  MPC9772 Click to download

File Size   238.4 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9772 Datasheet (HTML) - Motorola, Inc


MPC9772 Product details

3.3V 1:12 LVCMOS PLL Clock Generator

The MPC9772 is a 3.3V compatible, 1:12 PLL based clock generator targeted for high performance low-skew clock distribution in mid-range to high-performance networking, computing and telecom applications. With output frequencies up to 240 MHz and output skews less than 250 ps the device meets the needs of the most demanding clock applications.

Features
• 1:12 PLL based low-voltage clock generator
• 3.3V power supply
• Internal power-on reset
• Generates clock signals up to 240 MHz
• Maximum output skew of 250 ps
• On-chip crystal oscillator clock reference
• Two LVCMOS PLL reference clock inputs
• External PLL feedback supports zero-delay capability
• Various feedback and output dividers (see application section)
• Supports up to three individual generated output clock frequencies
• Synchronous output clock stop circuitry for each individual output for power down support
• Drives up to 24 clock lines
• Ambient temperature range –40°C to +85°C
• Pin and function compatible to the MPC972




Similar Part No. - MPC9772

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
logo
Renesas Technology Corp
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Similar Description - MPC9772

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com