Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9772 Datasheet (PDF) - Renesas Technology Corp

MPC9772 Datasheet PDF - Renesas Technology Corp
Part # MPC9772
Download  MPC9772 Download
File Size   469.18 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9772 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9772 Datasheet PDF - Renesas Technology Corp

Part # MPC9772
Download  MPC9772 Click to download

File Size   469.18 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9772 Datasheet (HTML) - Renesas Technology Corp


MPC9772 Product details

The MPC9772 is a 3.3 V compatible, 1:12 PLL based clock generator targeted
for high performance low-skew clock distribution in mid-range to
high-performance networking, computing and telecom applications. With output
frequencies up to 240 MHz and output skews less than 250 ps the device meets
the needs of the most demanding clock applications.
Features
• 1:12 PLL Based Low-Voltage Clock Generator
• 3.3 V Power Supply
• Internal Power-On Reset
• Generates Cock Signals Up to 240 MHz
• Maximum Output Skew of 250 ps
• On-Chip Crystal Oscillator Clock Reference
• Two LVCMOS PLL Reference Clock Inputs
• External PLL Feedback Supports Zero-Delay Capability
• Various Feedback and Output Dividers (See Applications Information
Section)
• Supports Up to Three Individual Generated Output Clock Frequencies
• Synchronous Output Clock Stop Circuitry for Each Individual Output for
Power Down Support
• Drives Up to 24 Clock Lines
• Ambient Temperature Range 0C to +70C
• Pin and Function Compatible To the MPC972
• 52-Lead Pb-Free Package
• For drop in replacement use 87972DYI-147




Similar Part No. - MPC9772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
More results


Similar Description - MPC9772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com