Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9893 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9893 Datasheet HTML 1Page - Renesas Technology Corp MPC9893 Datasheet HTML 2Page - Renesas Technology Corp MPC9893 Datasheet HTML 3Page - Renesas Technology Corp MPC9893 Datasheet HTML 4Page - Renesas Technology Corp MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MPC9893 REVISION 8 3/16/16
2
©2016 Integrated Device Technology, Inc.
MPC9893 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
The device is packaged in a 7x7 mm2 48-lead LQFP package.
Figure 1. MPC9893 Logic Diagram
Figure 2. MPC9893 48-Lead Pinout (Top View)
MAN/A
CLK0
QA0
QA1
QA2
QA3
QA4
QB0
QB1
QB2
D
Q
(Pulldown)
0
1
(Pulldown)
Ref
FB
0
1
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
D
Q
(Pulldown)
D
Q
(Pullup)
(Pullup)
QA5
QB3
QB4
QB5
QFB
ALARM0
ALARM1
CLK_IND
Data
Generator
IDCS
PLL
240 – 400 MHz
ALARM_RST
PLL_EN
OE/MR
CLK1
FB
REF_SEL
FSEL[0:3]
VCC
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
456
78
9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
MPC9893
QB5
QB4
GND
VCC
QB3
QB2
GND
VCC
QB1
QB0
GND
GND
QA0
QA1
GND
QA2
QA3
VCC
GND
QA4
VCC
VCC
QA5
It is recommended to use an external
RC filter for the analog power supply
pin VCC_PLL. Please see application
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com