Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9893 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9893 Datasheet HTML 1Page - Renesas Technology Corp MPC9893 Datasheet HTML 2Page - Renesas Technology Corp MPC9893 Datasheet HTML 3Page - Renesas Technology Corp MPC9893 Datasheet HTML 4Page - Renesas Technology Corp MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MPC9893 REVISION 8 3/16/16
4
©2016 Integrated Device Technology, Inc.
MPC9893 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
Table 3. Clock Frequency Configuration
Name
FSEL0
FSEL1
FSEL2
FSEL3
fREF range [MHz]
QAx
QBx
QFB
FB(1)
1. FB: Internal PLL feedback divider
Ratio
fQAX [MHz]
Ratio
fQBX[MHz]
M8
0
0
0
0
15–25
fREF * 8
120–200
fREF * 8
120–200
fREF
16
M82
0
0
0
1
fREF * 4
60–100
M4
0
0
1
0
30–50
fREF * 4
120–200
fREF * 4
120–200
fREF
8
M42
0
0
1
1
fREF * 2
60–100
M3
0
1
0
0
40–66.6
fREF * 3
120–200
fREF * 3
120–200
fREF
6
M32
0
1
0
1
fREF * 3  2
60–100
M2M
0
1
1
0
30–50
fREF * 2
60–100
fREF * 2
60–100
fREF
8
M22M
01
11
fREF
30–50
M2H
1
0
0
0
60–100
fREF * 2
120–200
fREF * 2
120–200
fREF
4
M22H
10
01
fREF
60–100
M1L
1
0
1
0
15–25
fREF
15–25
fREF
15–25
fREF
16
M12L
10
11
fREF  2
7.5–12.5
M1M
1
1
0
0
30–50
fREF
30–50
fREF
30–50
fREF
8
M12M
11
01
fREF  2
15–25
M1H
1
1
1
0
60–100
fREF
60–100.0
fREF
60–100
fREF
4
M12H
11
11
fREF  2
30–50
Table 4. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC 2V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
CDM
ESD Protection (Charged Device Model)
1500
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.6
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com