Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764AS Datasheet (PDF) - International Rectifier

OM7764AS Datasheet PDF - International Rectifier
Part # OM7764AS
Download  OM7764AS Download
File Size   64.01 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)

OM7764AS Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7764AS Datasheet PDF - International Rectifier

Part # OM7764AS
Download  OM7764AS Click to download

File Size   64.01 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)

OM7764AS Datasheet (HTML) - International Rectifier


OM7764AS Product details

Description

The OM7764ASC is a 3.0A, ultra low dropout, adjustable linear regulator specifically designed for low voltage, high current applications. Housed in a hermetic package, the dropout of these devices is 400mV at full load. All protective features are designed into the circuit including thermal shutdown, current limiting and safe area control. These units are ideally suited for military/defense, commercial aircraft, industrial control and other harsh environments where a hermetically sealed package is required.



Features:

■ Dropout Voltage of 400mV at Full Load

■ Wide Input Range: 2.7V to 20V

■ Low Noise: 40mVRMS ( 10Hz to 10KHz )

■ Fast Transient Response

■ No Protection Diodes needed

■ Hermetic MO-078AA Package ensures High Reliability



 




Similar Part No. - OM7764AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
OM7764ASM IRF-OM7764ASM Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
More results


Similar Description - OM7764AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7581SC IRF-OM7581SC Datasheet
55Kb / 4P
Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Thru-Hole (C6)
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
logo
Maxim Integrated Produc...
MAX5084 MAXIM-MAX5084 Datasheet
267Kb / 4P
Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA
19-3928; Rev 1; 4/06
logo
International Rectifier
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com