Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536D Datasheet (PDF) - NXP Semiconductors

PCA9536D Datasheet PDF - NXP Semiconductors
Part # PCA9536D
Download  PCA9536D Download
File Size   153.38 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit I2C and SMBus I/O port

PCA9536D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9536D Datasheet PDF - NXP Semiconductors

Part # PCA9536D
Download  PCA9536D Click to download

File Size   153.38 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit I2C and SMBus I/O port

PCA9536D Datasheet (HTML) - NXP Semiconductors


PCA9536D Product details

DESCRIPTION

The PCA9536 is 8-pin CMOS devices that provides 4 bits of General Purpose parallel Input/Output (GPIO) expansion for

I2C/SMBus applications and were developed to enhance the Philips family of IC I/O expanders. I/O expanders provides a simple solution when additional I/O is needed for ACPI power switches, sensors, pushbuttons, LEDs, fans, etc.



FEATURES

• 4-bit I2C GPIO

• Operating power supply voltage range of 2.3 to 5.5 V

• 5 V tolerant I/Os

• Polarity inversion register

• Active low interrupt output

• Low stand-by current

• Noise filter on SCL/SDA inputs

• No glitch on power-up

• Internal power-on reset

• 4 I/O pins which default to 4 inputs with 100 kΩ internal pull-up resistor

• 0 to 400 kHz clock frequency

• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA

• Two packages offered: SO8 and TSSOP8




Similar Part No. - PCA9536D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9536D TI-PCA9536D Datasheet
475Kb / 25P
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Texas Instruments
PCA9536DCUR TI-PCA9536DCUR Datasheet
475Kb / 25P
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9536DG4 TI-PCA9536DG4 Datasheet
475Kb / 25P
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
More results


Similar Description - PCA9536D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com