Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478AARM Datasheet (PDF) - Analog Devices

AD7478AARM Datasheet PDF - Analog Devices
Part # AD7478AARM
Download  AD7478AARM Download
File Size   580.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70

AD7478AARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7478AARM Datasheet PDF - Analog Devices

Part # AD7478AARM
Download  AD7478AARM Click to download

File Size   580.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70

AD7478AARM Datasheet (HTML) - Analog Devices


AD7478AARM Product details

GENERAL DESCRIPTION

The AD7476A/AD7477A/AD7478A are 12-bit, 10-bit, and 8-bit high speed, low power, successive-approximation ADCs, respectively. The parts operate from a single 2.35 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 13 MHz.



FEATURES

  Fast Throughput Rate: 1 MSPS

  Specified for VDD of 2.35 V to 5.25 V

  Low Power:

     3.6 mW Typ at 1 MSPS with 3 V Supplies

     12.5 mW Typ at 1 MSPS with 5 V Supplies

  Wide Input Bandwidth:

     71 dB SNR at 100 kHz Input Frequency

  Flexible Power/Serial Clock Speed Management

  No Pipeline Delays

  High Speed Serial Interface

     SPI®/QSPI™/MICROWIRE™/DSP Compatible

  Standby Mode: 1 μA Max

  6-Lead SC70 Package

  8-Lead MSOP Package



APPLICATIONS

  Battery-Powered Systems

     Personal Digital Assistants

     Medical Instruments

     Mobile Communications

  Instrumentation and Control Systems

  Data Acquisition Systems

  High Speed Modems

  Optical Sensors



 




Similar Part No. - AD7478AARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7478AARM AD-AD7478AARM Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478AARMZ AD-AD7478AARMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results


Similar Description - AD7478AARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7912 AD-AD7912 Datasheet
386Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
AD7911 AD-AD7911 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com