Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B32160A Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B32160A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B32160A
Download  PI3B32160A Download
File Size   185.27 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs

PI3B32160A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B32160A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B32160A
Download  PI3B32160A Click to download

File Size   185.27 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs

PI3B32160A Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B32160A Product details

Description
Pericom Semiconductor’s PI3B32160 is a 16-bit to 32-bit demultiplexer bus switch. Industry leading advantages include a propagation delay of 250ps, resulting from 5Ω channel resistance and low I/O capacitance. A port demultiplexes to either 1B and 2B or to both. The switch is bidirectional.

Features
• RON is 5Ω typical
• Pullup on B1 and B2 ports
• Low Power: 50µW typical
• Industrial Operation Temperature: –40ºC to +85ºC
• Near-Zero propagation delay
• Switching speed: 4.5ns max.
• Channel on capacitance: 14pF max.
• VCC Operating Range: 3V to +3.6V
• Packaging(Pb-free & Green available):
    - 56-pin TSSOP (A)

Application
    Provides PCI Hot Plugging




Similar Part No. - PI3B32160A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32160A PERICOM-PI3B32160A Datasheet
296Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
More results


Similar Description - PI3B32160A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B32160 PERICOM-PI3B32160 Datasheet
296Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
PI3B16248 PERICOM-PI3B16248 Datasheet
294Kb / 4P
3.3V, 24-Bit to 48-BitMux/DeMux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com