Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2423 Datasheet (PDF) - Dallas Semiconductor

DS2423 Datasheet PDF - Dallas Semiconductor
Part # DS2423
Download  DS2423 Download
File Size   331.93 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4kbit 1-Wire RAM with Counter

DS2423 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2423 Datasheet PDF - Dallas Semiconductor

Part # DS2423
Download  DS2423 Click to download

File Size   331.93 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4kbit 1-Wire RAM with Counter

DS2423 Datasheet (HTML) - Dallas Semiconductor


DS2423 Product details

DESCRIPTION

The DS2423 1-Wire® RAM with Counters is a fully static, read/write memory for battery operation in a low-cost, six-lead TSOC, surface-mount package. The memory is organized as 16 pages of 256 bits each. In addition, the device has four counters, two of them with external trigger inputs called A and B. Each of the counters is associated with a memory page. A counter without external trigger input increments each time data is written to the page it is associated with (write cycle counter). The counters triggered by inputs A and B, respectively, increment with every low-going pulse on their input. All counters are read only. They are automatically cleared to 0 when the battery is connected.



FEATURES

4096 bits of SRAM

Four 32-bit, read-only counters

Active-low external trigger inputs for two of the counters with on-chip debouncing compatible with reed and Wiegand switches

Unique, factory-lasered and tested 64-bit

registration number (8-bit family code + 48- bit serial number + 8-bit CRC tester) assures

absolute traceability because no two parts are alike

Memory partitioned into 16 256-bit pages in for packetizing data

256-bit scratchpad withstrict read/write protocols ensures integrity of data transfer

On-chip 16-bit CRC generator for safeguarding data transfers

Built-in multidrop controller ensures compatibility with other MicroLAN products

Directly connects to a single port pin of a microprocessor and communicates at up to

16.3kbits per second

Overdrive mode boosts communication speed to 142kbits per second

8-bit family code specifies device

communication requirements to reader

Presence detector acknowledges when reader first applies voltage

Compact, low cost 6-pin TSOC surface mount package

Reads, writes and counts over a wide voltage range of 2.8V to 5.5V from -40°C to +85°C




Similar Part No. - DS2423

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2423 MAXIM-DS2423 Datasheet
624Kb / 26P
4kbit 1-Wire RAM with Counter
080207
More results


Similar Description - DS2423

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1805AC INTERSIL-CDP1805AC Datasheet
301Kb / 30P
CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
March 1997
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
logo
Asahi Kasei Microsystem...
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
CPU Supervisor with 4kbit EEPROM
March 16, 2006
logo
Maxim Integrated Produc...
DS28CZ04 MAXIM-DS28CZ04 Datasheet
224Kb / 22P
4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
REV: 061107
logo
Intersil Corporation
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
PHOENIX CONTACT
2836337 PHOENIX-2836337 Datasheet
167Kb / 6P
Inline counter terminal block, without accessories, 1 counter input, 1 control input, 1 output, 24 V DC, 500 mA, 3-wire connection method
logo
Maxim Integrated Produc...
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
4kbit 1-Wire EEPROM
32000
DS2423 MAXIM-DS2423 Datasheet
624Kb / 26P
4kbit 1-Wire RAM with Counter
080207
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com