Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5023 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5023 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5023
Download  SM5023 Download
File Size   110.02 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Miniature-package Crystal Oscillator Module ICs

SM5023 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5023 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5023
Download  SM5023 Click to download

File Size   110.02 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Miniature-package Crystal Oscillator Module ICs

SM5023 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5023 Product details

OVERVIEW
The SM5023 series are 3rd overtone crystal oscillator module ICs. They feature built-in oscillator capacitors with excellent frequency response. As cutoff frequency can be configured by using an external feedback resistor Rfo, a favorable 3rd overtone oscillation can be realized with a few external components. The oscillator circuit characteristics are optimized for a 3rd overtone oscillation by round blank. They also feature a built-in output buffer with high output drive capability and are available in miniature 6-pin package, making them ideal as DIP-type crystal oscillators.

FEATURES
■ Operating supply voltage range
    • 3V operation: 2.7 to 3.6V
    • 5V operation: 4.5 to 5.5V
■ 4MHz to 70MHz operating frequency range (Oscillation frequency is settable by external components)
■ –40 to 85°C operating temperature range
■ Oscillator capacitors CG, CD built-in (BN×H version only)
■ Cutoff frequency setting using external feedback resistor Rfo
■ Output drive capability
    • 8mA (VDD = 2.7V)
    • 16mA (VDD = 4.5V)
■ Output three-state function built-in
    • High impedance output in standby mode
■ CMOS output duty level (1/2VDD)
■ Molybdenum-gate CMOS process
■ Package: SOT23-6 (SM5023×××H)

APPLICATIONS
■ DIP-type crystal oscillator modules




Similar Part No. - SM5023

ManufacturerPart #DatasheetDescription
logo
Silicon Motion Technolo...
SM502 SILICONMOTION-SM502 Datasheet
2Mb / 392P
Mobile Multimedia Companion Chip Databook
Feb 2012 Revision 2.1
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
More results


Similar Description - SM5023

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
SM5024 NPC-SM5024 Datasheet
112Kb / 9P
Miniature-package Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com