Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet (PDF) - Wolfson Microelectronics plc

WM8521 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8521
Download  WM8521 Download
File Size   304.86 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT

WM8521 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8521 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8521
Download  WM8521 Click to download

File Size   304.86 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT

WM8521 Datasheet (HTML) - Wolfson Microelectronics plc


WM8521 Product details

DESCRIPTION

The WM8521 is a 192kHz stereo DAC with an integrated output op-amp  stage,  designed  to  generate  a  2.0Vrms  output  signal directly, so reducing external component requirements in digital audio applications.



FEATURES

• Audio Performance

-  DAC SNR 98dB (‘A’ weighted @ 48kHz)

-  THD -81dB (‘A’ weighted @ 48kHz)

• DAC Sampling Frequency: 8kHz – 192kHz

• Pin Selectable Audio Data Interface Format

- I2S, 16-bit Right Justified or 16bit DSP

• 2.0 Vrms output at 12V or 9V supply

• 7.6V to 13.2V Analogue, 2.7V to 3.6 Digital Supply

• 14-lead SOIC Package



APPLICATIONS

• Consumer digital audio applications requiring 2 Vrms output

- DVD Players

- Digital TV

- Digital Set Top Boxes

- A/V Receivers




Similar Part No. - WM8521

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Wolfson Microelectronic...
WM8521H9GED/RV WOLFSON-WM8521H9GED/RV Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8521H9GED/V WOLFSON-WM8521H9GED/V Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8521HCGED/RV WOLFSON-WM8521HCGED/RV Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
More results


Similar Description - WM8521

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521_06 Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 WOLFSON-WM8523 Datasheet
618Kb / 51P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
Stereo 24-bit DAC with 2Vrms Line Out
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com