Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8521
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8521 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Product Preview
WM8521
w
PP Rev 1.3 December 2004
3
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8521HCED/V
-25 to +85
oC
14-pin SOIC
MSL1
240
oC
WM8521HCED/RV
-25 to +85
oC
14-pin SOIC
(tape and reel)
MSL1
240
oC
WM8521HCGED/V
-25 to +85
oC
14-pin SOIC
(lead free)
MSL1
260
oC
WM8521HCGED/RV
-25 to +85
oC
14-pin SOIC
(lead free, tape and reel)
MSL1
260
oC
WM8521H9ED/V
-25 to +85
oC
14-pin SOIC
MSL1
240
oC
WM8521H9ED/RV
-25 to +85
oC
14-pin SOIC
(tape and reel)
MSL1
240
oC
WM8521H9GED/V
-25 to +85
oC
14-pin SOIC
(lead free)
MSL1
260
oC
WM8521H9GED/RV
-25 to +85
oC
14-pin SOIC
(lead free, tape and reel)
MSL1
260
oC
Note:
1.
Reel quantity = 3,000
2.
WM8521H9: 2Vrms output at 9V supply
3.
WM8521HC: 2Vrms output at 12V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com