Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8521
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8521 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Product Preview
WM8521
w
PP Rev 1.3 December 2004
11
In I
2S mode, the MSB is sampled on the second rising edge of BCLK following a LRCLK transition.
LRCLK is low during the left samples and high during the right samples.
MSB
RIGHT CHANNEL
LEFT CHANNEL
LRCLK
BCLK
DIN
3
3
12
3
12
n
n-2 n-1
n
n-2 n-1
1 BCLK
1 BCLK
LSB
MSB
LSB
1/fs
Figure 3 I
2S Mode Timing Diagram
RIGHT JUSTIFIED MODE INPUT FORMAT
The WM8521 supports word lengths of up to 16-bits in right justified mode. If a word length shorter
than 16-bits is used, the unused bits should be padded with zeroes.
In right justified mode, LRCLK must be high for a minimum of 16 BCLKs and low for a minimum of
16 BCLKs. Any mark to space ratio on LRCLK is acceptable provided the above requirement is met.
The digital audio interface receives data on the DIN input. Audio Data is time multiplexed with LRCLK
indicating whether the left or right channel is present. LRCLK is also used as a timing reference to
indicate the beginning or end of the data words.
In right justified mode, the LSB is sampled on the rising edge of BCLK preceding a LRCLK transition.
LRCLK is high during the left samples and low during the right samples.
RIGHT CHANNEL
LEFT CHANNEL
LRCLK
BCLK
DIN
1/fs
MSB
3
3
12
14 15 16
LSB
MSB
3
3
12
14 15 16
LSB
Figure 4 Right Justified Mode Timing Diagram
DSP MODE INPUT FORMAT
A DSP compatible, time division multiplexed format is also supported by the WM8521.
This format is of the type where a ‘synch’ pulse is followed by two data words (left and right) of 16 bit
word length. The ‘synch’ pulse replaces the normal duration LRCLK, and DSP mode is auto-detected
by the shorter than normal duration of the LRCLK. If LRCLK is of 4 BCLK or less duration, the DSP
compatible format is selected. Early and Late clock formats are supported, selected by the state of
the FORMAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com