Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401 Datasheet (PDF) - Vishay Siliconix

SIC401 Datasheet PDF - Vishay Siliconix
Part # SIC401
Download  SIC401 Download
File Size   632.13 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Selectable frequency from 200 kHz to 1 MHz with an external resistor

SIC401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC401 Datasheet PDF - Vishay Siliconix

Part # SIC401
Download  SIC401 Click to download

File Size   632.13 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Selectable frequency from 200 kHz to 1 MHz with an external resistor

SIC401 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SIC401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC401A VISHAY-SIC401A Datasheet
2Mb / 30P
15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC401A/B VISHAY-SIC401A/B Datasheet
4Mb / 12P
microBUCK® PRODUCT FAMILY
SIC401A/B VISHAY-SIC401A/B Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SIC401AB VISHAY-SIC401AB Datasheet
4Mb / 12P
microBUCK® PRODUCT FAMILY
More results


Similar Description - SIC401

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
Legacy 200 kHz to 2 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier Adjustable Current with an External Resistor
logo
MICORO CRYSTAL SWITZERL...
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
From 10 kHz up to 225 MHz
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
From 10 kHz up to 155 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
Adjustable Current with an External Resistor
logo
STMicroelectronics
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
Selectable output current limit by external resistor
15-Feb-2012
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
Selectable output current limit by external resistor
19-Mar-2015
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com