Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT7181F Datasheet (PDF) - List of Unclassifed Manufacturers

NT7181F Datasheet PDF - List of Unclassifed Manufacturers
Part # NT7181F
Download  NT7181F Download
File Size   360.54 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface

NT7181F Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7181F Datasheet PDF - List of Unclassifed Manufacturers

Part # NT7181F
Download  NT7181F Click to download

File Size   360.54 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface

NT7181F Datasheet (HTML) - List of Unclassifed Manufacturers


NT7181F Product details

[NOVATEK]

General Description
The NT7181 transmitter contains four 7-bit parallel-load serial-out registers, a 7x clock synthesizer, and five low-voltage differential (LVDS) line in a single integrated circuit. These functions allow 28 bits of single-ended low-voltage TTL (LVTTL) data to be synchronously transmitted over four balanced-pair conductors for receipt by a compatible receiver, such as the DS90CF386 or THC63LVDF84A.The NT7181 transmitter is offered with programmable edge data strobes for convenient interface with a variety of graphic controllers. The NT7181 transmitter can be programmed for rising edge strobe(RFB=1) or falling edge strobe(RFB=0) through the RFB pin. When transmitting, data bits D0 - D27 are each loaded into registers of the NT7181 on the rising edge or falling edge of the input clock signal (CLKIN). The frequency of CLKIN is multiplied seven times and then used to unload the data registers in 7-bit slices and serially. The four serial streams and a phase-locked clock (TCLK) are then output to LVDS output drivers. The frequency of TCLK is the same as the input clock, CLKIN.
The NT7181 requires no external components and little or no control. The data bus appears the same at the input to the transmitting and output of the receiver with the data transmission transparent to the user. The only user intervention is the possible use of the shutdown/clear ( PWDN ) active-low input to inhibit the clock and shut off the LVDS output drivers for lower power consumption. A low level on this signal clears all internal registers to a low level. The NT7181 are characterized for operation over free-air temperature ranges of 0°C to 70°C.

Features
■ 28:4 Data Channel Compression at up to 297 Megabytes per Second Throughput
■ Suited for VGA, SVGA, XGA and Dual pixel SXGA, UXGA Display Data Transmission From Controller to Display With Very Low EMI
■ 28 Data Channels and Clock-In Low-Voltage TTL and 4 Data Channels and Clock-Out Low-Voltage Differential
■ Operates From a Single 3.3V Supply With 250mW (Typ)
■ Low profile 56 Lead TSSOP Package
■ Clock edge Programmable for Transmitter
■ Wide Phase-Lock Input Frequency Range: 25 MHz To 85 MHz
■ Supports Spread Spectrum Clock Generator
■ Suggests to use for LCD monitor only
■ No External Components Required for PLL




Similar Part No. - NT7181F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71 DBLECTRO-NT71 Datasheet
293Kb / 2P
Superminiature, low coil power consumption.
NT71 DBLECTRO-NT71 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
LCD driver
Rev1.0 2015/08/17
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
LCD driver
Rev1.0 2015/08/12
NT7108 NEOTEC-NT7108 Datasheet
121Kb / 22P
Dot matrix LCD segment driver with 64 channel output
12/11/2002
More results


Similar Description - NT7181F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CR581 NSC-DS90CR581 Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
logo
THine Electronics, Inc.
THC63LVDF84B THINE-THC63LVDF84B Datasheet
159Kb / 10P
LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER
THC63LVDM83R THINE-THC63LVDM83R Datasheet
194Kb / 12P
REDUCED SWING LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDR84B THINE-THC63LVDR84B Datasheet
78Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
THC63LVDF84B-5S THINE-THC63LVDF84B-5S Datasheet
339Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com