Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2302 Datasheet (PDF) - List of Unclassifed Manufacturers

2302 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2302
Download  2302 Download
File Size   76.13 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.0 Watt - 20 Volts, Class C Microwave 2300 MHz

2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
2302 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2302
Download  2302 Click to download

File Size   76.13 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.0 Watt - 20 Volts, Class C Microwave 2300 MHz

2302 Datasheet (HTML) - List of Unclassifed Manufacturers


2302 Product details

GENERAL DESCRIPTION
The 2302 is a COMMON BASE transistor capable of providing 2 Watts Class C, RF output power at 2300 MHz. Gold metalization and diffused ballasting are used to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder Sealed package.

ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25℃ 7.0 Watts

Maximum Voltage and Current
BVces Collector to Emitter Voltage 45 Volts
BVebo Emitter to Base Voltage 3.5 Volts
Ic Collector Current 0.5 Amps

Maximum Temperatures
Storage Temperature - 65 to + 200℃
Operating Junction Temperature + 200℃




Similar Part No. - 2302

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2302 GHZTECH-2302 Datasheet
78Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
SHENZHEN FUMAN ELECTRON...
2302 FUMAN-2302 Datasheet
310Kb / 2P
20V N-Channel Enhancement MOS FET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Heyco.
2302 HEYCO-2302 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Goford Semiconductor
2302 GOFORD-2302 Datasheet
657Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - 2302

ManufacturerPart #DatasheetDescription
logo
GHz Technology
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2223-17 GHZTECH-2223-17 Datasheet
249Kb / 3P
1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
2301 GHZTECH-2301 Datasheet
170Kb / 3P
1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
2304 GHZTECH-2304 Datasheet
218Kb / 4P
4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
2324-12L GHZTECH-2324-12L Datasheet
82Kb / 2P
12 Watts - 20 Volts, Class C Microwave 2300 - 2400 MHz
2324-20 GHZTECH-2324-20 Datasheet
322Kb / 3P
20 Watts, 24 Volts, Class C Microwave 2300-2400 MHz
2302 GHZTECH-2302 Datasheet
78Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
2307 GHZTECH-2307 Datasheet
271Kb / 4P
7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com