Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP350 Datasheet (PDF) - Analog Devices

ADCMP350 Datasheet PDF - Analog Devices
Part # ADCMP350
Download  ADCMP350 Download
File Size   89.46 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparator and Reference Circuits

ADCMP350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP350 Datasheet PDF - Analog Devices

Part # ADCMP350
Download  ADCMP350 Click to download

File Size   89.46 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparator and Reference Circuits

ADCMP350 Datasheet (HTML) - Analog Devices


ADCMP350 Product details

GENERAL DESCRIPTION
The ADCMP350/ADCMP354/ADCMP356 are comparator and reference circuits suitable for use in general-purpose applications.
   
FEATURES
    Comparators with 0.6 V on-chip references
    Output stages
        Open-drain active low (ADCMP350)
        Open-drain active high (ADCMP354)
        Push-pull active high (ADCMP356)
    High voltage (up to 22 V) tolerance on VIN and open-drain
        output pins
    Low power consumption: 10 µA
    10 nA input bias current
    15 mV hysteresis
    5 µs propagation delay
    Specified over −40°C to +125°C temperature range
    4-lead SC70 package
   
APPLICATIONS
    Voltage detectors
    Microprocessor systems
    Computers
    Battery monitors
    Intelligent instruments
    Portable equipment
   




Similar Part No. - ADCMP350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP350 AD-ADCMP350 Datasheet
216Kb / 12P
Comparators and Reference Circuits
10/04-Revision 0
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
217Kb / 10P
Comparators and Reference Circuits
5/2018-Rev. D to Rev. E
More results


Similar Description - ADCMP350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
LM615 NSC-LM615 Datasheet
298Kb / 14P
LM615 Quad Comparator and Adjustable Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com