Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP350 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP350
Description  Comparator and Reference Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP350 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP350 Datasheet HTML 1Page - Analog Devices ADCMP350 Datasheet HTML 2Page - Analog Devices ADCMP350 Datasheet HTML 3Page - Analog Devices ADCMP350 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Comparator and Reference Circuits
Preliminary Technical Data
ADCMP350–ADCMP357
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Comparators with 0.6V or 1.2V On-Chip References
Output Stages
Open-Drain Active-Low (ADCMP350/1)
Push-Pull Active-Low (ADCMP352/3)
Open-Drain Active-High (ADCMP354/5)
Push-Pull Active-High (ADCMP356/7)
High Voltage (up to 22V) tolerance on VIN and Open-Drain
Output Pins
Low Power Consumption (10µA)
10nA Input Bias Current
20mV Hysteresis
Specified Over -40°C to +125°C Temperature Range
4-Lead SC70 Package
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Portable Equipment
GENERAL DESCRIPTION
The ADCMP350-ADCMP357 are comparator and reference
circuits suitable for use in general purpose applications. High
performance over the -40°C to +125°C temperature range make
them suitable for use in automotive and other thermally harsh
applications, while low power consumption and space efficient
SC70 packaging make them ideal for battery powered portable
equipment
FUNCTIONAL BLOCK DIAGRAMS
VIN
ADCMP350/1/4/5
GND
OUT/
OUT
VCC
VCC
ADCMP352/3/6/7
GND
OUT/
OUT
VCC
REF
REF
VIN
Table 1. Selection Table
Output Stage
Part No.
Reference
Voltage (V)
OUT
OUT
ADCMP350
0.6
Open-Drain
-
ADCMP351
1.2
Open-Drain
-
ADCMP352
0.6
Push-Pull
-
ADCMP353
1.2
Push-Pull
-
ADCMP354
0.6
-
Open-Drain
ADCMP355
1.2
-
Open-Drain
ADCMP356
0.6
-
Push-Pull
ADCMP357
1.2
-
Push-Pull


Similar Part No. - ADCMP350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP350 AD-ADCMP350 Datasheet
216Kb / 12P
Comparators and Reference Circuits
10/04-Revision 0
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
217Kb / 10P
Comparators and Reference Circuits
5/2018-Rev. D to Rev. E
More results

Similar Description - ADCMP350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
LM615 NSC-LM615 Datasheet
298Kb / 14P
LM615 Quad Comparator and Adjustable Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com