Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3025 Datasheet (PDF) - Analog Devices

ADP3025 Datasheet PDF - Analog Devices
Part # ADP3025
Download  ADP3025 Download
File Size   609.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Efficiency Dual Output Power Supply Controller

ADP3025 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3025 Datasheet PDF - Analog Devices

Part # ADP3025
Download  ADP3025 Click to download

File Size   609.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Efficiency Dual Output Power Supply Controller

ADP3025 Datasheet (HTML) - Analog Devices


ADP3025 Product details

GENERAL DESCRIPTION
The ADP3025 is a highly efficient, dual synchronous buck switching regulator controller optimized for converting a battery or adapter input into the supply voltage required in portable products and industrial systems. The oscillator frequency can be programmed for 200 kHz or 300 kHz operation, or can be synchronized to an external clock signal of up to 350 kHz.

FEATURES
   Wide input voltage range: 5.5 V to 25 V
   High conversion efficiency > 96%
   Integrated current sense—no external resistor required
   Low shutdown current: 19 µA (typical)
   Voltage mode PWM with input feed-forward for fast line
   transient response
   Dual synchronous buck controllers
   Built-in gate drive boost circuit for driving external high-side
   N-channel MOSFET
   2 independently programmable output voltages:
   Fixed 3.3 V or adjustable (800 mV to 6.0 V)
   Fixed 5 V or adjustable (800 mV to 6.0 V)
   Programmable PWM frequency
   Integrated linear regulator controller
   Extensive circuit protection functions

APPLICATIONS
   Portable instruments
   General-purpose dc-to-dc converters




Similar Part No. - ADP3025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
More results


Similar Description - ADP3025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
Dual-Output Power-Supply Controller
26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller
April 7, 2011
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com