Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3025 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 1 Page - Analog Devices

  ADP3025 Datasheet HTML 1Page - Analog Devices ADP3025 Datasheet HTML 2Page - Analog Devices ADP3025 Datasheet HTML 3Page - Analog Devices ADP3025 Datasheet HTML 4Page - Analog Devices ADP3025 Datasheet HTML 5Page - Analog Devices ADP3025 Datasheet HTML 6Page - Analog Devices ADP3025 Datasheet HTML 7Page - Analog Devices ADP3025 Datasheet HTML 8Page - Analog Devices ADP3025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Efficiency Dual Output
Power Supply Controller
ADP3025
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input voltage range: 5.5 V to 25 V
High conversion efficiency > 96%
Integrated current sense—no external resistor required
Low shutdown current: 19 µA (typical)
Voltage mode PWM with input feed-forward for fast line
transient response
Dual synchronous buck controllers
Built-in gate drive boost circuit for driving external high-side
N-channel MOSFET
2 independently programmable output voltages:
Fixed 3.3 V or adjustable (800 mV to 6.0 V)
Fixed 5 V or adjustable (800 mV to 6.0 V)
Programmable PWM frequency
Integrated linear regulator controller
Extensive circuit protection functions
APPLICATIONS
Portable instruments
General-purpose dc-to-dc converters
GENERAL DESCRIPTION
The ADP3025 is a highly efficient, dual synchronous buck
switching regulator controller optimized for converting a
battery or adapter input into the supply voltage required in
portable products and industrial systems. The oscillator
frequency can be programmed for 200 kHz or 300 kHz
operation, or can be synchronized to an external clock signal of
up to 350 kHz.
The ADP3025 provides accurate and reliable short-circuit
protection by using an internal current sense circuit that
reduces cost and increases overall efficiency. Other protection
features include programmable soft start, UVLO, and integrated
output undervoltage/overvoltage protection. The ADP3025
contains a linear regulator controller designed to drive an
external N-channel MOSFET. The linear regulator output is
adjustable and can be used to generate auxiliary supply voltages.
The ADP3025 is specified over the 0°C to 70°C commercial
temperature range and is available in a 38-lead TSSOP package.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
POWER-ON
RESET
LINEAR
CONTROLLER
VIN
5.5V TO 25V
3.3V
2.5V
SS3
Q1
Q2
Q3
SS5
Q4
5V
L1
L2
PWRGD
ADP3025
REF
5V LINEAR
REGULATOR
3.3V
SWITCHING
CONTROLLER
5V
SWITCHING
CONTROLLER
800mV
PFO
3.3V
SWITCHING
CONTROLLER
Q5
Figure 1.


Similar Part No. - ADP3025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
More results

Similar Description - ADP3025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
Dual-Output Power-Supply Controller
26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller
April 7, 2011
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com