Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F210R Datasheet (PDF) - Fox Electronics

F210R Datasheet PDF - Fox Electronics
Part # F210R
Download  F210R Download
File Size   684.04 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 1.8V Oscillator

F210R Datasheet (PDF)

Go To PDF Page Download Datasheet
F210R Datasheet PDF - Fox Electronics

Part # F210R
Download  F210R Click to download

File Size   684.04 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 1.8V Oscillator

F210R Datasheet (HTML) - Fox Electronics




Similar Part No. - F210R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F210R FOX-F210R Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F210R FOX-F210R Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
More results


Similar Description - F210R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com