Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F230 Datasheet (PDF) - Fox Electronics

F230 Datasheet PDF - Fox Electronics
Part # F230
Download  F230 Download
File Size   133.14 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 3.3V Oscillator

F230 Datasheet (PDF)

Go To PDF Page Download Datasheet
F230 Datasheet PDF - Fox Electronics

Part # F230
Download  F230 Click to download

File Size   133.14 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 3.3V Oscillator

F230 Datasheet (HTML) - Fox Electronics




Similar Part No. - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
More results


Similar Description - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com