Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX10407 Datasheet (PDF) - List of Unclassifed Manufacturers

MLX10407 Datasheet PDF - List of Unclassifed Manufacturers
Part # MLX10407
Download  MLX10407 Download
File Size   93.49 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5-Channel Gauge Driver with Serial Link

MLX10407 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX10407 Datasheet PDF - List of Unclassifed Manufacturers

Part # MLX10407
Download  MLX10407 Click to download

File Size   93.49 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5-Channel Gauge Driver with Serial Link

MLX10407 Datasheet (HTML) - List of Unclassifed Manufacturers


MLX10407 Product details

[Melexis]

Description
The 10407 is a MCU peripheral for logometers control using SIN/COS PWM commands. The circuit controls two independent sets of CMOS power bridges. A ten-bit angle is displayed with a 9 bit per quadrant resolution PWM whose frequency is set by a crystal oscillator. A power-on self test detects open or short-circuit outputs for each logometer and a real time angle tracking avoids display errors.
The 10407 can also drive three small angle logometers (90°). A three wire serial link allows bidirectional communication with the MCU.
   
Features and Benefits
■ Supply voltage up to 12 V
■ Interface directly with 5 V CMOS logic MCUs
■ Serial link
■ Can drive two 360° actuators & three 90° actuators simultaneously
■ Open circuit / short-circuit detection of the drivers outputs
■ Small size (SO24 package)
■ Real Time Angle Tracking
   
Applications
■ Logometer Driver Dashboard
■ Industrial Metering
   




Similar Part No. - MLX10407

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407 Datasheet
146Kb / 11P
5-Channel Gauge Driver with Serial Link
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407_02 Datasheet
146Kb / 11P
5-Channel Gauge Driver with Serial Link
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
More results


Similar Description - MLX10407

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_02 Datasheet
146Kb / 11P
5-Channel Gauge Driver with Serial Link
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
Serial / Parallel 5-input Driver
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
3-channel air-core gauge driver with serial interface
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com