Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5778 Datasheet (PDF) - NXP Semiconductors

SA5778 Datasheet PDF - NXP Semiconductors
Part # SA5778
Download  SA5778 Download
File Size   122.01 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Serial triple gauge driver STGD

SA5778 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5778 Datasheet PDF - NXP Semiconductors

Part # SA5778
Download  SA5778 Click to download

File Size   122.01 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Serial triple gauge driver STGD

SA5778 Datasheet (HTML) - NXP Semiconductors


SA5778 Product details

DESCRIPTION
The Serial Triple Gauge Driver (STGD), is a single chip air core driver providing drive to one major gauge, and two minor gauges, for automotive applications such as Speedometer, Fuel, Temperature, Tachometer, Volts, and Oil pressure information display. The STGD operates in conjunction with a microcontroller receiving serial data inputs, and can provide status back to the microcontroller either serially or via a status line. The protocol is compatible with the Philips Single Gauge Driver (SGD) and Dual Gauge Driver (DGD). The STGD also includes a protected battery supply for external single Serial Gauge Drivers or Dual Gauge Drivers.

FEATURES
• Major Gauge 10-bit resolution Drive provides 0.35° resolution
    – Sine/Cosine outputs for 360° operation
    – 0.2° accuracy typical throughout entire range
• Minor gauge drivers provide 0.35° resolution
    – 112° operation
    – 0.5° accuracy typical throughout entire range
• Serial Data Input
    – Supports interface from microcontrollers
    – Compatible with Philips SGD SA5775A and DGD SA5777A
• Serial Data Output
    – Permits the STGD to be wired in series using a common chip
        select to additional STGDs, SGDs, and DGDs
    – Permits fault status information to be returned to the
        microcontroller
• Over Voltage Protection, Over Temperature Protection and Low
    Standby Current Operation
    – Gauge drivers disabled when supply voltage exceeds specified
        operating voltage, protection to 40V.
    – Gauge drivers disabled when die temperature exceeds
        operating range
    – External switch may supply overvoltage protected battery
        supply to other devices operating off battery
• Thermally Enhanced SO-28 surface mount package




Similar Part No. - SA5778

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA577 PHILIPS-SA577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
SA5775 PHILIPS-SA5775 Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775A PHILIPS-SA5775A Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775AD PHILIPS-SA5775AD Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
More results


Similar Description - SA5778

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
5-Channel Gauge Driver with Serial Link
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
Dual Triple DMOS Output Driver with Serial Input Control
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
Single Gauge Driver
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_02 Datasheet
146Kb / 11P
5-Channel Gauge Driver with Serial Link
logo
ATMEL Corporation
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
Triple Half bridge Output Driver with Serial Input Control
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
3-channel air-core gauge driver with serial interface
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
Single Gauge Driver
Rev. 2.0, 1/2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com