Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33977 Datasheet (PDF) - Freescale Semiconductor, Inc

33977 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33977
Download  33977 Download
File Size   1767.04 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single Gauge Driver

33977 Datasheet (PDF)

Go To PDF Page Download Datasheet
33977 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33977
Download  33977 Click to download

File Size   1767.04 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single Gauge Driver

33977 Datasheet (HTML) - Freescale Semiconductor, Inc


33977 Product details

Single Gauge Driver

The 33977 is a Serial Peripheral Interface (SPI) Controlled, stepper motor gauge driver Integrated Circuit (IC). This monolithic IC consists of a dual H-Bridge coil driver and its associated control logic. The H-Bridge drivers are used to automatically control the speed, direction, and magnitude of current through the coils of a two-phase instrumentation stepper motor, similar to an MMT-licensed AFIC 6405 of Switec MS-X156.xxx motor.

Features
• MMT-Licensed Two-Phase Stepper Motor Compatible
• Switec MS-X15.xxx Stepper Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Maximum Acceleration of 4500°/s2
• Maximum Pointer Velocity of 400°/s
• Analog Microstepping (12 Steps/Degrees of Pointer Movement)
• Pointer Calibration and Return to Zero (RTZ)
• Controlled via 16-Bit SPI Messages
• Internal Clock Capable of Calibration
• Low Sleep Mode Current
• Pb-Free Packaging Designated by suffix code EG




Similar Part No. - 33977

ManufacturerPart #DatasheetDescription
logo
Heyco.
3397 HEYCO-3397 Datasheet
100Kb / 1P
Hinged Cable Holders
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
Festo Corporation.
33970 FESTO-33970 Datasheet
88Kb / 1P
Vacuum security valve
33971 FESTO-33971 Datasheet
88Kb / 1P
Vacuum security valve
logo
Freescale Semiconductor...
33972 FREESCALE-33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Similar Description - 33977

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
ON Semiconductor
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
Gauge Driver Integrated Circuit
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
Single Gauge Driver
Rev. 2.0, 1/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com