Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33991 Datasheet (PDF) - Freescale Semiconductor, Inc

33991 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33991
Download  33991 Download
File Size   1551.11 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gauge Driver Integrated Circuit

33991 Datasheet (PDF)

Go To PDF Page Download Datasheet
33991 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33991
Download  33991 Click to download

File Size   1551.11 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gauge Driver Integrated Circuit

33991 Datasheet (HTML) - Freescale Semiconductor, Inc


33991 Product details

Gauge Driver Integrated Circuit

This 33991 is a single packaged, Serial Peripheral Interface (SPI) controlled, dual stepper motor gauge driver Integrated Circuit (IC). This monolithic IC consists of four dual output H-Bridge coil drivers and the associated control logic. Each pair of H-Bridge drivers is used to automatically control the speed, direction and magnitude of current through the two coils of a two-phase instrumentation stepper motor, similar to an MMT licensed AFIC 6405.

Features
• MMT-Licensed Two-Phase Stepper Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Linear 4500° 2
• Maximum Pointer Velocity of 400°
• Analog Microstepping (12 Steps/Degree of Pointer Movement)
• Pointer Calibration and Return to Zero
• SPI Controlled 16-Bit Word
• Calibratable Internal Clock
• Low Sleep Mode Current
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - 33991

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33991 MOTOROLA-33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
More results


Similar Description - 33991

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
Integrated Circuit 8-Circuit Display Driver
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
Integrated Circuit Reversible Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
Integrated Circuit Audio Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com