Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33991 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33991 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33991
Rev. 2.0, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Gauge Driver Integrated Circuit
This 33991 is a single packaged, Serial Peripheral Interface (SPI)
controlled, dual stepper motor gauge driver Integrated Circuit (IC).
This monolithic IC consists of four dual output H-Bridge coil drivers
and the associated control logic. Each pair of H-Bridge drivers is used
to automatically control the speed, direction and magnitude of current
through the two coils of a two-phase instrumentation stepper motor,
similar to an MMT licensed AFIC 6405.
This device is ideal for use in automotive instrumentation systems
requiring distributed and flexible stepper motor gauge driving. The
device also eases the transition to stepper motors from air core
motors by emulating the air core pointer movement with little
additional processor bandwidth utilization.
The device has many attractive features including:
Features
• MMT-Licensed Two-Phase Stepper Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine
with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Linear 4500° 2
• Maximum Pointer Velocity of 400°
• Analog Microstepping (12 Steps/Degree of Pointer Movement)
• Pointer Calibration and Return to Zero
• SPI Controlled 16-Bit Word
• Calibratable Internal Clock
• Low Sleep Mode Current
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33991 Simplified Application Diagram
GAUGE DRIVER INTEGRATED CIRCUIT
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42344B
24-PIN SOICW
33991
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33991DW/R2
-40 to 125°C
SOICW
MCZ33991EG/R2
5.0 V
Regulator
MCU
Motor 1
Motor 2
VPWR
33991
VPWR
VDD
RT
RS
CS
SCLK
SI
SO
SIN1+
SIN1-
COS1+
COS1-
SIN2+
SIN2-
COS2+
COS2-
GND


Similar Part No. - 33991

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33991 MOTOROLA-33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
More results

Similar Description - 33991

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
Integrated Circuit 8-Circuit Display Driver
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
Integrated Circuit Reversible Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
Integrated Circuit Audio Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com