Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33991 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33991 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33991
PIN CONNECTIONS
PIN CONNECTIONS
Table 1. 33991 Pin Definitions
Pin Number
Pin Name
Definitions
1
COS0+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
2
COS0-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
3
SIN0+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
4
SIN0-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
5 - 8
GND
Ground. These pins serve as the ground for the source of the low-side output transistors as well as the
logic portion of the device. They also help dissipate heat from the device.
9
CS
Chip Select. This pin is connected to a chip select output of a LSI IC. This IC controls which device is
addressed by pulling the CS pin of the desire device low, enabling the SPI communication with the device,
while other devices on the serial link keep their serial outputs tri-stated. This input has an internal active
pull-up, requiring CMOS logic levels. This pin is also used to calibrate the internal clock.
10
SCLK
Serial Clock. This pin is connected to the SCLK pin of the master device and acts as a bit clock for the
SPI port. It transitions on time per bit transferred at an operating frequency, fSPI, defined in the Coil Output
Timing Table. It is idle between command transfers. The pin is 50 percent duty cycle, with CMOS logic
levels. This signal is used to shift data to and from the device.
11
SO
Serial Output. This pin is connected to the SPI Serial Data Input pin of the master device, or to the SI pin
of the next device in a daisy chain. This output will remain tri-stated unless the device is selected by a low
CS signal. The output signal generated will have CMOS logic levels and the output will transition on the
rising edges of SCLK. The serial output data provides status feedback and fault information for each output
and is returned MSB first when the device is addressed.
12
SI
Serial Input. This pin is connected to the SPI Serial Data Output pin of the master device from which it
receives output command data. This input has an internal active pull down requiring CMOS logic levels.
The serial data transmitted on this line is a 16-bit control command sent MSB first, controlling the gauge
functions. The master ensures data is available on the falling edge of SCLK.
13
RTZ
Multiplexed Output. This multiplexed output pin of the non-driven coil during an RTZ event.
14
V
DD
Voltage. This SPI and logic power supply input will work with 5.0 V supplies.
COS1+
GND
GND
GND
GND
V
PWR
RST
V
DD
RTZ
COS1-
SIN1+
SIN1-
COS0+
GND
GND
GND
GND
CS
SCLK
SI
COS0
SIN0+
SIN0
SO
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com