Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33991 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33991 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33991
TIMING DESCRIPTIONS AND DIAGRAMS
DEVICE FUNCTIONAL DESCRIPTION
The motor is stepped by providing index commands at
intervals. The time between steps defines the motor velocity,
and the changing time defines the motor acceleration.
The state machine uses a table defining the allowed time
steps, including the maximum velocity. A useful side effect of
the table is, it also allows the direct determination of the
position the velocity should reduce to allow the motor to stop
at the desired position.
The motor equations of motion are generated as follows:
The units of position are steps, and velocity and
acceleration are in steps/second, and steps/second²
From an initial position of 0, with an initial velocity u, the
motor position, s at a time t is
For unit steps, the time between steps is:
This defines the time increment between steps when the
motor is initially travelling at a velocity µ. In the ROM, this time
is quantized to multiples of the system clock by rounding
upwards, ensuring acceleration never exceeds the allowed
value. The actual velocity and acceleration is calculated from
the time step actually used.
Using
and
and solving for v in terms of u, s and t gives:
The correct value of t to use in this equation is the
quantized value obtained above.
From these equations, a set of recursive equations can be
generated to give the allowed time step between motor
indexes when the motor is accelerating from a stop to its
maximum velocity.
Starting from a position p of 0, and a velocity v of 0, these
equations define the time interval between steps at each
position. To drive the motor at maximum performance, index
commands are given to the motor at these intervals. A table
is generated giving the time step
∆t at an index position n.
,
where
indicates
rounding up.
20
300
-0.866
-
222
DE
0.5
+
128
80
21
315
-0.707
-
181
B5
0.707
+
181
B5
22
330
-0.5
-
128
80
0.866
+
222
DE
23
345
-0.259
-
66
42
0.966
+
247
F7
Notes * Denotes Normalized Values.
Table 16. Coil Step Value
2
2
1 at
ut
s
+
=
a
a
u
u
t
2
2
+
+
−
=
⇒
as
u
v
2
2
2
+
=
at
u
v
+
=
u
t
v
−
= 2
0
0
0
0
=
=
v
p
⎥
⎥
⎥
⎤
⎢
⎢
⎢
⎡
+
+
−
=
∆
−
−
a
a
v
v
t
n
n
n
2
2
1
1
⎡⎤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com