Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4172 Datasheet (PDF) - ON Semiconductor

CS4172 Datasheet PDF - ON Semiconductor
Part # CS4172
Download  CS4172 Download
File Size   65.13 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Air-Core Gauge Driver

CS4172 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4172 Datasheet PDF - ON Semiconductor

Part # CS4172
Download  CS4172 Click to download

File Size   65.13 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Air-Core Gauge Driver

CS4172 Datasheet (HTML) - ON Semiconductor


CS4172 Product details

Description
The CS4172 is a monolithic BiCMOS integrated circuit used to translate a digital 10-bit word from a microprocessor/microcontroller to complementary DC outputs. The DC outputs drive an air-core meter commonly used in vehicle instrument panels. The 10 bits of data are used to linearly control the quadrature coils of the meter directly with a 0.35° resolution and ±1.0¡ accuracy over the full 360¡ range of the gauge. The interface from the microcontroller is by a Serial Peripheral Interface (SPI) compatible serial connection using up to a 2MHz shift clock rate.

Features
■ Serial Input Bus
■ 2 MHz Operating Frequency
■ Tangential Drive Algorithm
■ 80mA Drive Circuits
■ 0.5° Accuracy (Typ.)
■ Power-On-Reset
■ Protection Features
    Output Short Circuit
    Overtemperature




Similar Part No. - CS4172

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
CS4172XDWF16 CHERRY-CS4172XDWF16 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
CS4172XDWFR16 CHERRY-CS4172XDWFR16 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
CS4172XN16 CHERRY-CS4172XN16 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
More results


Similar Description - CS4172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
Air-Core Meter Driver
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
100mA Dual H-Bridge Air-Core Gauge Driver
Rev. 7/20/95
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
Single Gauge Driver
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
3-channel air-core gauge driver with serial interface
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com