Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4172 Datasheet (PDF) - Cherry Semiconductor Corporation

CS4172 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS4172
Download  CS4172 Download
File Size   158.4 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Single Air-Core Gauge Driver

CS4172 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4172 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS4172
Download  CS4172 Click to download

File Size   158.4 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Single Air-Core Gauge Driver

CS4172 Datasheet (HTML) - Cherry Semiconductor Corporation


CS4172 Product details

Description
The CS4172 is a monolithic BiCMOS integrated circuit used to translate a digital 10-bit word from a microprocessor/microcontroller to complementary DC outputs. The DC outputs drive an air-core meter commonly used in vehicle instrument panels. The 10 bits of data are used to linearly control the quadrature coils of the meter directly with a 0.35° resolution and ±1.0¡ accuracy over the full 360¡ range of the gauge. The interface from the microcontroller is by a Serial Peripheral Interface (SPI) compatible serial connection using up to a 2MHz shift clock rate.

Features
■ Serial Input Bus
■ 2 MHz Operating Frequency
■ Tangential Drive Algorithm
■ 80mA Drive Circuits
■ 0.5° Accuracy (Typ.)
■ Power-On-Reset
■ Protection Features
    Output Short Circuit
    Overtemperature




Similar Part No. - CS4172

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XDWF16 ONSEMI-CS4172XDWF16 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XDWFR16 ONSEMI-CS4172XDWFR16 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XN16 ONSEMI-CS4172XN16 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
More results


Similar Description - CS4172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
Air-Core Meter Driver
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
100mA Dual H-Bridge Air-Core Gauge Driver
Rev. 7/20/95
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
Single Gauge Driver
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
3-channel air-core gauge driver with serial interface
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com