Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GT100TP120N Datasheet (PDF) - Vishay Siliconix

VS-GT100TP120N Datasheet PDF - Vishay Siliconix
Part # VS-GT100TP120N
Download  VS-GT100TP120N Download
File Size   189.34 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Bridge IGBT Power Module, 1200 V, 100 A

VS-GT100TP120N Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-GT100TP120N Datasheet PDF - Vishay Siliconix

Part # VS-GT100TP120N
Download  VS-GT100TP120N Click to download

File Size   189.34 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Bridge IGBT Power Module, 1200 V, 100 A

VS-GT100TP120N Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VS-GT100TP120N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GT100TP60N VISHAY-VS-GT100TP60N Datasheet
190Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
11-Jun-15
VS-GT100TP60N VISHAY-VS-GT100TP60N Datasheet
189Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
VS-GT100TP60N VISHAY-VS-GT100TP60N Datasheet
188Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
VS-GT100TP60N VISHAY-VS-GT100TP60N_V01 Datasheet
189Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
VS-GT100TP60N VISHAY-VS-GT100TP60N_V02 Datasheet
188Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
More results


Similar Description - VS-GT100TP120N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GT50TP60N VISHAY-VS-GT50TP60N Datasheet
1Mb / 7P
Half Bridge IGBT Power Module, 600 V, 50 A
11-Jun-15
VS-GT100TP60N VISHAY-VS-GT100TP60N Datasheet
190Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
11-Jun-15
VS-GT100TP60N VISHAY-VS-GT100TP60N_V01 Datasheet
189Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
VS-GT100TP60N VISHAY-VS-GT100TP60N_V02 Datasheet
188Kb / 7P
Half Bridge IGBT Power Module, 600 V, 100 A
19-Sep-17
logo
WOLFSPEED, INC.
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com