Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMMAD1108 Datasheet (PDF) - Protek Devices

PMMAD1108 Datasheet PDF - Protek Devices
Part # PMMAD1108
Download  PMMAD1108 Download
File Size   144.48 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

PMMAD1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMMAD1108 Datasheet PDF - Protek Devices

Part # PMMAD1108
Download  PMMAD1108 Click to download

File Size   144.48 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

PMMAD1108 Datasheet (HTML) - Protek Devices


PMMAD1108 Product details

DESCRIPTION
The PMMAD1108 is a low distortion steering diode. This device is intended for use in high frequency analog or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The PMMAD1108 is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage transients for the protection of sensitive network interface circuits.
This device provides low capacitance, which insures signal integrity up to 900MHz, while complete isolation between adjacent diodes keeps cross-talk to a minimum. The PMMAD1108 is available in a SO-16 package and meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 8 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Low Insertion Loss & Cross-Talk
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports




Similar Part No. - PMMAD1108

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMMAD1108 PROTEC-PMMAD1108 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
PMMAD1108 PROTEC-PMMAD1108 Datasheet
495Kb / 5P
ultra low capacitance multi-line steering diode array
PMMAD1108-LF-T13 PROTEC-PMMAD1108-LF-T13 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
PMMAD1108-LF-T7 PROTEC-PMMAD1108-LF-T7 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
PMMAD1108-T13 PROTEC-PMMAD1108-T13 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
More results


Similar Description - PMMAD1108

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com