Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPQ1237 Datasheet (PDF) - TriQuint Semiconductor

QPQ1237 Datasheet PDF - TriQuint Semiconductor
Part # QPQ1237
Download  QPQ1237 Download
File Size   1393.84 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description LTE B3/B7 BAW Diplexer (75MHz/70MHz)

QPQ1237 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPQ1237 Datasheet PDF - TriQuint Semiconductor

Part # QPQ1237
Download  QPQ1237 Click to download

File Size   1393.84 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description LTE B3/B7 BAW Diplexer (75MHz/70MHz)

QPQ1237 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - QPQ1237

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1214 QORVO-QPQ1214 Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1214EVB QORVO-QPQ1214EVB Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1214TR13 QORVO-QPQ1214TR13 Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
Band 7 BAW Duplexer
QPQ1270EVB QORVO-QPQ1270EVB Datasheet
1,005Kb / 15P
Band 7 BAW Duplexer
More results


Similar Description - QPQ1237

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231_15 Datasheet
596Kb / 10P
LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
TQQ7303 TRIQUINT-TQQ7303_15 Datasheet
370Kb / 8P
1747.5 MHz LTE Band 3 Uplink BAW Filter
QPQ1289 TRIQUINT-QPQ1289 Datasheet
822Kb / 11P
LTE Band 4 / 10 / 66 BAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0109B TAI-SAW-TF0109B Datasheet
1Mb / 14P
BAW DPX 2535/2655 MHz LTE Band 7 SMD 2016 (70MHz BW)
logo
TriQuint Semiconductor
885137 TRIQUINT-885137 Datasheet
3Mb / 16P
WiFi/LTE BAW Diplexer
logo
List of Unclassifed Man...
SIM7100E ETC1-SIM7100E Datasheet
233Kb / 1P
Five-Band FDD-LTE B1/B3/B7/B8/B20
logo
Qorvo, Inc
885137 QORVO-885137 Datasheet
994Kb / 16P
WiFi/LTE BAW Diplexer
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
LTE Band 1 BAW Duplexer for Small Cells
QPQ1907 QORVO-QPQ1907_V01 Datasheet
449Kb / 7P
Wi-Fi/LTE coexBoost BAW Filter
040820
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com