Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPQ1237 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPQ1237
Description  LTE B3/B7 BAW Diplexer (75MHz/70MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1237 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPQ1237 Datasheet HTML 1Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QPQ1237
LTE B3/B7 BAW Diplexer (75Mhz/70MHz)
Data Sheet March 24, 2017 | Subject to change without notice
2 of 12
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to +125°C
Operation Temperature
−40 to +85 °C
Life Test
Conditions
Rating
Typ
Max
Units
TBD
> TBD hours
TBD
> TBD hours
Electrical specifications are measured at specified test
conditions.
Electrical Specifications
– B3 Uplink (1)
Test conditions unless otherwise specified. Temperature Range: −40 to +85 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Insertion Loss (2)
1710
– 1785 MHz
-
2.4
3.6
dB
Amplitude Variation (3)
1710
– 1785 MHz
-
-
2.2
dB
Input / Output Return Loss
1710
– 1785 MHz
8
-
-
dB
Group Delay Variation
1710
– 1785 MHz (+25 °C)
-
-
40
nS
1710
– 1785 MHz
-
-
55
nS
1710
– 1785 MHz (5MHz sliding window)
-
-
30
nS
Attenuation (4)
50
– 720 MHz
27
-
-
dB
720
– 1670 MHz
27
-
-
dB
1670
– 1690 MHz
17
-
-
dB
1805
– 1825 MHz
32
-
-
dB
1825
– 1880 MHz
44
-
-
dB
1880
– 1920 MHz
30
-
-
dB
1920
– 2110 MHz
40
-
-
dB
2110
– 2170 MHz
33
-
-
dB
2170
– 2500 MHz
24
-
-
dB
2500
– 2690 MHz
26
-
-
dB
2690
– 3800 MHz
9
-
-
dB
3800
– 5000 MHz
20
-
-
dB
Notes:
1.
All specifications are based on the QORVO schematic for the main reference design.
2.
Maximum Insertion Loss within defined frequency range.
3.
Amplitude Variation is defined as the difference between the lowest loss and the highest loss within 10 MHz channels.
4.
Attenuation is referenced to zero dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com