Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-W484 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-W484 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-W484
Download  ACPL-W484 Download
File Size   499.19 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Short Maximum Propagation Delays

ACPL-W484 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-W484 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W484
Download  ACPL-W484 Click to download

File Size   499.19 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Short Maximum Propagation Delays

ACPL-W484 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-W484 Product details

Description
The ACPL-M484/P484/W484 fast speed optocoupler contains a AlGaAs LED and photo detector with built-in Schmitt trigger to provide logic-compatible waveforms, eliminating the need for additional wave shaping. The totem pole output eliminates the need for a pull up resistor and allows for direct drive Intelligent Power Module or gate drive. Minimized propagation delay difference between devices makes these optocouplers excellent solutions for improving inverter efficiency through reduced switching dead time.

Features
•  Positive output type (totem pole output)
•  Truth Table Guaranteed: Vcc from 4.5 V to 30 V
•  Performance Specified for Common IPM Applications Over Industrial Temperature Range.
•  Short Maximum Propagation Delays
•  Minimized Pulse Width Distortion (PWD)
•  Very High Common Mode Rejection (CMR)
•  Hysteresis
•  Available in SO-5 (ACPL-M484) and Stretched SO-6 package (ACPCL-P484/W484).
•  Package Clearance/Creepage at 8 mm (ACPL-W484)
•  Safety Approval:
    – UL Recognized with 5000 Vrms (ACPL-W484) for 1 minute per UL1577.
    – CSA Approved.
    – IEC/EN/DIN EN 60747-5-5 Approved with VIORM =
        567 Vpeak for ACPL-M484 and VIORM = 891 Vpeak for
        ACPL-P484 and VIORM = 1140 Vpeak for ACPL-W484,
        under option 060.

Applications
•  IPM Interface Isolation
•  Isolated IGBT/MOSFET Gate Drive
•  AC and Brushless DC Motor Drives
•  Industrial Inverters
•  General Digital Isolation




Similar Part No. - ACPL-W484

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W484 BOARDCOM-ACPL-W484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results


Similar Description - ACPL-W484

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
Balanced Propagation Delays
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
Propagation delay
logo
AVAGO TECHNOLOGIES LIMI...
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
500 ns maximum propagation delay
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
Fast maximum propagation delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
Short Maximum Propagation Delays
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com