Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0810 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0810 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-0810
Download  HCPL-0810 Download
File Size   473.6 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Current Line Driver

HCPL-0810 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0810 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0810
Download  HCPL-0810 Click to download

File Size   473.6 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Current Line Driver

HCPL-0810 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-0810 Product details

Description
The HCPL-8100 and HCPL-0810 are low-cost high current line drivers. With a 5 V single supply, they deliver up to 1 APP current. This is ideal for high current applications such as a Powerline modem.

Features
• 1 APP driving current
• 3.5 MHz gain bandwidth product
• - 60 dB maximum harmonic distortion
• Load detection function
• Under-voltage detection
• Over-temperature shutdown
• 5 V single supply
• Temperature range: -40°C to +85°C
• Suitable for FCC Part 15 and EN50065-1 compliant design

Applications
• Automatic meter reading (AMR)
• Powerline modem
• General purpose line driver
• Signal conditioning
• Digital-to-analog converter buffers




Similar Part No. - HCPL-0810

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0810 HP-HCPL-0810 Datasheet
266Kb / 11P
High Current Line Driver
HCPL-0810-500 HP-HCPL-0810-500 Datasheet
266Kb / 11P
High Current Line Driver
More results


Similar Description - HCPL-0810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
High Current Line Driver
logo
Analog Devices
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
High Current Dual Line-Driver IC 1.5 APP driving current
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
Low Power, High Output Current xDSL Line Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
High-Current Differential Line Driver for Powerline Communications
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com