Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7529BKP Datasheet (PDF) - Exar Corporation

MP7529BKP Datasheet PDF - Exar Corporation
Part # MP7529BKP
Download  MP7529BKP Download
File Size   114.43 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter

MP7529BKP Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7529BKP Datasheet PDF - Exar Corporation

Part # MP7529BKP
Download  MP7529BKP Click to download

File Size   114.43 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter

MP7529BKP Datasheet (HTML) - Exar Corporation


MP7529BKP Product details

GENERAL DESCRIPTION

The MP7529B is a dual 8-bit Digital-to-Analog Converter featuring excellent DAC to DAC matching, tracking and specifically optimized for applications requiring low total harmonic distortion. The MP7529B is manufactured using advanced thin film resistors on a double metal CMOS process. The MP7529B incorporates a unique bit decoding technique yielding lower glitch energy, higher speed and excellent accuracy over temperature and time.



FEATURES

• Very Low Total Harmonic Distortion

• Low Glitch Energy

• Fast Settling Time

• Four Quadrant Multiplication

• On-Chip Latches for Both DACs

• 4.5 V to 5.5 V Operation

• Low Power Consumption

• TTL/5V CMOS Compatible

• Latch-Up Free

• 15 V Operation: MP7529A



BENEFITS

• Quiet Operation in Audio Applications

• Easy Interface to Microprocessors



 




Similar Part No. - MP7529BKP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JS EXAR-MP7523JS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KN EXAR-MP7523KN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KS EXAR-MP7523KS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results


Similar Description - MP7529BKP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com