Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9264 Datasheet (PDF) - List of Unclassifed Manufacturers

RT9264 Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9264
Download  RT9264 Download
File Size   170.27 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER

RT9264 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9264 Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9264
Download  RT9264 Click to download

File Size   170.27 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER

RT9264 Datasheet (HTML) - List of Unclassifed Manufacturers


RT9264 Product details

[Richtek]

General Description
The RT9264 is a compact, high efficient, step-up
DC/DC converter with current mode PWM control
loop, providing stable and high efficient operations
without external compensation.

Features
• 400mA High Supply Capability
• 90% Efficiency
• Switching Rate higher Than 1.4MHz
• Providing Flexibility for Using Internal and External Power Switches
• Built-in 300mA LDO, also for the Zero-OutputCurrent Shutdown Mode
• Boost DC-DC Integrating LDO for Up-Down Regulation
• 8-Pin SOP Package

Applications
• Portable Instrument
• ADSL Modem
• USB Devices




Similar Part No. - RT9264

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-15CB RICHTEK-RT9261-15CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CX RICHTEK-RT9261-15CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15GB RICHTEK-RT9261-15GB Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
More results


Similar Description - RT9264

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com