Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9058E Datasheet (PDF) - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet PDF - LAPIS Semiconductor Co., Ltd.
Part # ML9058E
Download  ML9058E Download
File Size   439.21 Kbytes
Page   76 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 132-Channel LCD Driver

ML9058E Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9058E Datasheet PDF - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Download  ML9058E Click to download

File Size   439.21 Kbytes
Page   76 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 132-Channel LCD Driver

ML9058E Datasheet (HTML) - LAPIS Semiconductor Co., Ltd.


ML9058E Product details

GENERAL DESCRIPTION
The ML9058E is an LSI for dot matrix graphic LCD devices carrying out bit map display. This LSI can drive a dot matrix graphic LCD display panel under the control of an 8-bit microcomputer (hereinafter described MPU). Since all the functions necessary for driving a bit map type LCD device are incorporated in a single chip, using the ML9058E makes it possible to realize a bit map type dot matrix graphic LCD display system with only a few chips.

FEATURES
• Direct display of the RAM data using the bit map method
    Display RAM data “1” ... Dot is displayed
    Display RAM data “0” ... Dot is not displayed (during forward display)
• Display RAM capacity
    65 x 132 = 8580 bits
• LCD Drive circuits
    65 common outputs, 132 segment outputs
• MPU interface: Can select an 8-bit parallel or serial interface
• Built-in voltage multiplier circuit for the LCD drive power supply
• Built-in LCD drive voltage adjustment circuit
• Built-in LCD drive bias generator circuit
• Can select frame reversal drive or line reversal drive by command
• Built-in oscillator circuit (Internal RC oscillator/external clock input)
• A variety of commands
    Read/write of display data, display ON/OFF, forward/reverse display, all dots ON/all dots OFF,
    set page address, set display start address, etc.
• Power supply voltage
    Logic power supply: VDD-VSS = 3.7 V to 5.5 V
    Voltage multiplier reference voltage: VIN-VSS = 3.7 V to 5.5 V
    (2- to 4-time multiplier available)
    LCD Drive voltage: VBI-VSS = 6.0 to 18 V
• Package: Gold bump chip (Bump hardness: Low, DV)
                : Gold bump chip (Bump hardness: High, CV)
• This device is not resistant to radiation and light.




Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
65 COM/ 132 SEG STN LCD Driver
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com