Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720112 Datasheet (PDF) - NEC

UPD720112 Datasheet PDF - NEC
Part # UPD720112
Download  UPD720112 Download
File Size   385.47 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD720112 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD720112 Datasheet PDF - NEC

Part # UPD720112
Download  UPD720112 Click to download

File Size   385.47 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD720112 Datasheet (HTML) - NEC


UPD720112 Product details

The µPD720112 is a USB 2.0 hub device that complies with the Universal Serial Bus (USB) Specification Revision 2.0 and works up to 480 Mbps. USB 2.0 compliant transceivers are integrated for upstream and all downstream ports. The µPD720112 works backward compatible either when any one of the downstream ports is connected to a USB 1.1 compliant device, or when the upstream port is connected to a USB 1.1 compliant host.



FEATURES

• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)

• Certified by USB implementers forum and granted the USB 2.0 high-speed Logo

• High-speed or full-speed packet protocol sequencer for Endpoint 0/1

• 4 (Max.) downstream facing ports

• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) transaction.

• Supports split transaction to handle full-speed and low-speed transaction on downstream facing ports when

Hub controller is working in high-speed mode.

• One Transaction Translator per Hub and supports four non-periodic buffers

• Supports self-powered and bus-powered mode

• Supports Over-current detection and Individual or ganged power control

• Supports configurable vendor ID, product ID, string descriptors and others with external Serial ROM

• Supports “non-removable” attribution on individual port

• Uses 30 MHz X’tal, or clock input

• Supports downstream port status with LED

• 2.5 V and 3.3 V power supplies




Similar Part No. - UPD720112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720112 RENESAS-UPD720112 Datasheet
640Kb / 34P
MOS INTEGRATED CIRCUIT
2003
UPD720112GK-9EU RENESAS-UPD720112GK-9EU Datasheet
640Kb / 34P
MOS INTEGRATED CIRCUIT
2003
UPD720112GK-9EU-A RENESAS-UPD720112GK-9EU-A Datasheet
640Kb / 34P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD720112

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com