Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206 Datasheet (PDF) - List of Unclassifed Manufacturers

AC206 Datasheet PDF - List of Unclassifed Manufacturers
Part # AC206
Download  AC206 Download
File Size   96.97 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER

AC206 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC206 Datasheet PDF - List of Unclassifed Manufacturers

Part # AC206
Download  AC206 Click to download

File Size   96.97 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER

AC206 Datasheet (HTML) - List of Unclassifed Manufacturers


AC206 Product details

[ALTIMA]

AC206 OVERVIEW
The Altima AC206 is a highly integrated 0.25u CMOS silicon solution. It combines all the functions of a 10/100 dual-speed bridged repeater, including PHY transceivers, an MII or reversed MII or 7-wire hard-wire configurable interface, two internal repeaters, two repeater backplane busses for expansion, and a two-port bridge with 32 KB embedded memory.

AC206 FEATURES
• The highest level of silicon integration achieved for a five-port 10/100 bridged repeater
• The AC206 integrates:
   • Five transceivers of 10BASE-T/100BASE-TX
   • One uplink port
   • 10M repeater
   • 100M repeater
   • Two-port bridge including:
      - 32 KB memory for address table and packet buffer
      - Local MAC address filter
      - Address table up to 1K entries
• MII or reversed MII or 7-wire port
• Cascade to 13, 21, and 29 port configuration
• Fully compliant auto-negotiation
• Very small package – 128-pin PQFP
   • 280 sq. mm footprint
• Very low power – typical < 1.2W
   • Selectable TX drivers for 1:1 or 1.25:1 transformers to enable additional power reduction
• Cable detect mode – typical < .20W
• Power down mode – typical < .05W




Similar Part No. - AC206

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206-DS02-R BOARDCOM-AC206-DS02-R Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206-DS03-R BOARDCOM-AC206-DS03-R Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206-DS04-R BOARDCOM-AC206-DS04-R Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206-DS05-405-R BOARDCOM-AC206-DS05-405-R Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
More results


Similar Description - AC206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC208 ETC-AC208 Datasheet
98Kb / 2P
8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205 ETC1-AC205 Datasheet
96Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC207 ETC1-AC207 Datasheet
95Kb / 2P
8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com