Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7725 Datasheet (PDF) - Analog Devices

AD7725 Datasheet PDF - Analog Devices
Part # AD7725
Download  AD7725 Download
File Size   442.27 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 900 kSPS ADC with a Programmable Postprocessor

AD7725 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7725 Datasheet PDF - Analog Devices

Part # AD7725
Download  AD7725 Click to download

File Size   442.27 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 900 kSPS ADC with a Programmable Postprocessor

AD7725 Datasheet (HTML) - Analog Devices


AD7725 Product details

GENERAL DESCRIPTION
The AD7725 is a complete 16-bit,Σ-Δ analog-to-digital converter with on-chip, user-programmable signal conditioning. The output of the modulator is processed by three cascaded finite impulse response (FIR) filters, followed by a fully user-programmable postprocessor. The postprocessor provides processing power of up to 130 million accumulates (MAC) per second. The user has complete control over the filter response, the filter coefficients, and the decimation ratio.

FEATURES
   Programmable Filtering:
      Any Characteristic up to 108 Tap FIR and/or IIR
   Polynomial Signal Conditioning up to 8th Order
   Programmable Decimation and Output Word Rate
   Flexible Programming Modes:
      Boot from DSP or External EPROM
      Parallel/Serial Interface
   Internal Default Filter for Evaluation
   14.4 MHz Max Master Clock Frequency
   0 V to +4 V (Single-Ended) or ±2 V (Differential) Input
      Range
   Power Supplies: AVDD, DVDD: 5 V ± 5%
   On-Chip 2.5 V Voltage Reference
   44-Lead MQFP Package

TYPICAL APPLICATIONS
   Radar
   Sonar
   Auxiliary Car Functions
   Medical Communications




Similar Part No. - AD7725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7725 AD-AD7725_15 Datasheet
447Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results


Similar Description - AD7725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD7725 AD-AD7725_15 Datasheet
447Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
100 kSps, 16-bit ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com