Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8618AR Datasheet (PDF) - Analog Devices

AD8618AR Datasheet PDF - Analog Devices
Part # AD8618AR
Download  AD8618AR Download
File Size   495.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers

AD8618AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8618AR Datasheet PDF - Analog Devices

Part # AD8618AR
Download  AD8618AR Click to download

File Size   495.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers

AD8618AR Datasheet (HTML) - Analog Devices


AD8618AR Product details

GENERAL DESCRIPTION
The AD8615/AD8616/AD8618 are dual/quad, rail-to-rail, input and output, single-supply amplifiers featuring very low offset voltage, wide signal bandwidth, and low input voltage and current noise. The parts use a patented trimming technique that achieves superior precision without laser trimming.
The AD8615/AD8616/AD8618 are fully specified to operate from 2.7 V to 5 V single supplies.

FEATURES
Low offset voltage: 65 μV max
Single-supply operation: 2.7 V to 5.5 V
Low noise: 8 nV/√Hz
Wide bandwidth: >20 MHz
Slew rate: 12 V/μs
High output current: 150 mA
No phase reversal
Low input bias current: 1 pA
Low supply current: 2 mA
Unity-gain stable

APPLICATIONS
Barcode scanners
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifier
Audio
Photodiode amplification




Similar Part No. - AD8618AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8618AR AD-AD8618AR Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Similar Description - AD8618AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
AD8615 AD-AD8615 Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
11-Feb-2008
logo
Analog Devices
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com