Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8618AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8618AR
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8618AR Datasheet(HTML) 2 Page - Analog Devices

  AD8618AR Datasheet HTML 1Page - Analog Devices AD8618AR Datasheet HTML 2Page - Analog Devices AD8618AR Datasheet HTML 3Page - Analog Devices AD8618AR Datasheet HTML 4Page - Analog Devices AD8618AR Datasheet HTML 5Page - Analog Devices AD8618AR Datasheet HTML 6Page - Analog Devices AD8618AR Datasheet HTML 7Page - Analog Devices AD8618AR Datasheet HTML 8Page - Analog Devices AD8618AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8616/AD8618
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
VS = 5 V.......................................................................................... 3
VS = 2.7 V....................................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Applications..................................................................................... 12
Input Overvoltage Protection ................................................... 12
Output Phase Reversal............................................................... 12
Driving Capacitive Loads.......................................................... 12
Overload Recovery Time .......................................................... 13
D/A Conversion ......................................................................... 13
Low Noise Applications ............................................................. 13
High Speed Photodiode Preamplifier...................................... 14
Active Filters ............................................................................... 14
Power Dissipation ...................................................................... 14
Power Calculations for Varying or Unknown Loads............. 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
4/04—Data Sheet Changed from Rev. 0 to Rev. A
Added AD8618................................................................Universal
Updated Outline Dimensions ................................................... 16
1/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com