Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP Datasheet (PDF) - Vishay Siliconix

RCP Datasheet PDF - Vishay Siliconix
Part # RCP
Download  RCP Download
File Size   95.89 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate

RCP Datasheet (PDF)

Go To PDF Page Download Datasheet
RCP Datasheet PDF - Vishay Siliconix

Part # RCP
Download  RCP Click to download

File Size   95.89 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate

RCP Datasheet (HTML) - Vishay Siliconix


RCP Product details

• Thick film resistive element on an aluminum
nitride (AlN) substrates
• Very high thermal conductivity in a small
package size
• Termination: tin/lead wraparound termination
over nickel barrier. Also available with
lead (Pb)-free wraparound terminations.
• Capability to develop specific reliability
programs designed to customer requirements
• Operating temperature range: -55 °C to +155 °C
• High frequency performance to 6 GHz




Similar Part No. - RCP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
Low TCRs over a wide resistance range
logo
Amphenol LTW
RCP-00BMMS-SLM7001 LTW-RCP-00BMMS-SLM7001 Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-SLM700I LTW-RCP-00BMMS-SLM700I Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-TLM7001 LTW-RCP-00BMMS-TLM7001 Datasheet
216Kb / 1P
RJ45 FEED-THRU, 3T LOCK, CSIZE
B 2014-09-02
More results


Similar Description - RCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA203PA ETC1-TA203PA Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Vishay Siliconix
RCWP VISHAY-RCWP Datasheet
221Kb / 3P
Thick Film Chip Resistors, Industrial
05-Oct-05
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
logo
List of Unclassifed Man...
RMH10JT103 ETC-RMH10JT103 Datasheet
871Kb / 11P
Thick Film High Power Chip Resistors
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
Thick Film High Power Chip Resistors
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
Thick Film Chip Resistors, Non-Magnetic, Industrial
23-Feb-15
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
Thick Film Power Chip Resistors
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
High Power Thick Film Chip Resistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com