Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCP
Description  Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCP Datasheet(HTML) 1 Page - Vishay Siliconix

  RCP Datasheet HTML 1Page - Vishay Siliconix RCP Datasheet HTML 2Page - Vishay Siliconix RCP Datasheet HTML 3Page - Vishay Siliconix RCP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RCP
www.vishay.com
Vishay Dale
Revision: 13-Dec-16
1
Document Number: 31098
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors, Industrial, High Power,
Aluminum Nitride Substrate
Aluminum nitride
over 3 x more power - same size
FEATURES
• Thick film resistive element on an aluminum
nitride (AlN) substrates
• Very high thermal conductivity in a small
package size
• Termination: tin/lead wraparound termination
over
nickel
barrier.
Also
available
with
lead (Pb)-free wraparound terminations.
• Capability
to
develop
specific
reliability
programs designed to customer requirements
• Operating temperature range: -55 °C to +155 °C
• High frequency performance to 6 GHz
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
Notes
• Consult factory for availability of additional case sizes.
(1) The power rating depends on the maximum temperature of the resistive element. The temperature of the resistive element and adjacent
materials will rise due to the power dissipation of the resistor. The majority of this heat/energy is dissipated by conduction through the
substrate, terminations, solder joints, and printed circuit board. The maximum power rating in a particular application only applies if the
temperature of the resistive element is maintained at or below 155 °C.
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
MATERIAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Epoxy
Substrate
Aluminum nitride
Termination
Solder-coated nickel barrier
Solder finish
Pure tin or tin/lead solder alloy
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE
SIZE
POWER RATING (1)
(Standard
Board Mount)
P25 °C
W
POWER RATING (1)
(Active
Temperature
Control)
W
MAXIMUM
WORKING
VOLTAGE
V
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RCP0505
0505
1.4
5.0
10 to 2K
1, 2, 5
150
RCP0603
0603
1.5
3.9
10 to 2K
1, 2, 5
150
RCP1206
1206
2.4
11
10 to 2K
1, 2, 5
150
RCP2512
2512
3.5
22
10 to 2K
1, 2, 5
150
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RCP1206W100RGWB (preferred part numbering format)
GLOBAL
MODEL
BOTTOM TERM.
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING CODE
SPECIAL
RCP0505
RCP0603
RCP1206
RCP2512
W = wide
B = traditional
R =
K = k
10R0 = 10
1K30 = 1.3 k
F = ± 1 %
G = ± 2 %
J = ± 5 %
TP = tin / lead, T/R (full reel)
S3 = tin / lead, T/R (1000 pieces)
WB = tin / lead, tray
S2 = tin / lead, T/R (500 pieces)
S6 = tin / lead, T/R (300 pieces)
blank = standard
(dash number)
(up to 3 digits)
from 1 to 999 as
applicable
EA = lead (Pb)-free, T/R (full reel)
EB = lead (Pb)-free, T/R (1000 pieces)
ET = lead (Pb)-free, tray
EC = lead (Pb)-free, T/R (500 pieces)
ED = lead (Pb)-free, T/R (300 pieces)
P x R
P x R
P x R
P x R
C
P
1206
W
1
0
R
0R
G
W
B


Similar Part No. - RCP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
Low TCRs over a wide resistance range
logo
Amphenol LTW
RCP-00BMMS-SLM7001 LTW-RCP-00BMMS-SLM7001 Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-SLM700I LTW-RCP-00BMMS-SLM700I Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-TLM7001 LTW-RCP-00BMMS-TLM7001 Datasheet
216Kb / 1P
RJ45 FEED-THRU, 3T LOCK, CSIZE
B 2014-09-02
More results

Similar Description - RCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA203PA ETC1-TA203PA Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Vishay Siliconix
RCWP VISHAY-RCWP Datasheet
221Kb / 3P
Thick Film Chip Resistors, Industrial
05-Oct-05
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
logo
List of Unclassifed Man...
RMH10JT103 ETC-RMH10JT103 Datasheet
871Kb / 11P
Thick Film High Power Chip Resistors
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
Thick Film High Power Chip Resistors
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
Thick Film Chip Resistors, Non-Magnetic, Industrial
23-Feb-15
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
Thick Film Power Chip Resistors
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
High Power Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com