Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2306 Datasheet (PDF) - List of Unclassifed Manufacturers

CMM2306 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMM2306
Download  CMM2306 Download
File Size   88.54 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Broadband Driver Amplifier

CMM2306 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2306 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMM2306
Download  CMM2306 Click to download

File Size   88.54 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Broadband Driver Amplifier

CMM2306 Datasheet (HTML) - List of Unclassifed Manufacturers


CMM2306 Product details

[Celeritek]

Description
The Celeritek CMM2306 is a premium performance, pin-for-pin compatible second source for the TriQuint® 9132 and the Mini-Circuits® VNA. Providing higher gain and lower noise figure than either of the existing standard amplifiers at 25% less drain current, the CMM2306 is an excellent choice for power sensitive applications, while delivering more design margin than either of the existing alternatives.

Features
❏ +17.5 dBm Output Power
❏ Low Current: 70 mA, Typ.
❏ 800 – 2700 MHz Operation
❏ Single +3V to +6V Supply
❏ Input and Output Matched to 50Ω, DC Blocked
❏ Low-Cost SOIC-8 Plastic Package

Applications
❏ Power Amplifier Drivers
❏ Diode-Ring Mixer Buffers
❏ PCS Medium Power Amplifiers
❏ Medium Power WLANs
❏ Base Station Receivers




Similar Part No. - CMM2306

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-000T MIMIX-CMM2306-AJ-000T Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-0G00 MIMIX-CMM2306-AJ-0G00 Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
More results


Similar Description - CMM2306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMDA20420 FAIRCHILD-RMDA20420 Datasheet
819Kb / 12P
20-42 GHz Broadband Driver Amplifier
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
logo
Tyco Electronics
MAAMSS0014 MACOM-MAAMSS0014 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Mimix Broadband
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0014 MA-COM-MAAMSS0014 Datasheet
143Kb / 6P
Broadband Driver Amplifier 500 - 2400 MHz
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MA-COM-MAAM-007866-0P1R00 Datasheet
222Kb / 6P
Broadband Driver Amplifier 50 to 3300 MHz
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com