Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BALF-2690-02D3 Datasheet (PDF) - STMicroelectronics

BALF-2690-02D3 Datasheet PDF - STMicroelectronics
Part # BALF-2690-02D3
Download  BALF-2690-02D3 Download
File Size   525.28 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low amplitude imbalance

BALF-2690-02D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BALF-2690-02D3 Datasheet PDF - STMicroelectronics

Part # BALF-2690-02D3
Download  BALF-2690-02D3 Click to download

File Size   525.28 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low amplitude imbalance

BALF-2690-02D3 Datasheet (HTML) - STMicroelectronics


BALF-2690-02D3 Product details

Description
STMicroelectronics BALF-2690-02D3 is a balun design to transform single ended signal to differential signals in Bluetooth applications. This BALF-2690-02D3 has been customized for STLC2690 Bluetooth transceiver with less than 1.2 dB insertion losses in the bandwidth (2400 MHz-2500 MHz). The BALF-2690-02D3 has been designed using STMicroelectronics IPD (integrated passive device) technology on non-conductive glass substrate which optimize RF performance.

Features
■ 50 Ω nominal input / matched output differential impedance
■ Integrated harmonic filter
■ Low insertion loss
■ Low amplitude imbalance
■ Low phase imbalance
■ Small footprint < 1.54 mm² Benefits
■ Very low profile (< 560 µm after reflow)
■ High RF performance
■ RF BOM and area reduction

Applications
■ Bluetooth STLC2690 application
■ Mobile phone application




Similar Part No. - BALF-2690-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
04-Jul-2016
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
50 ohm, conjugate match to CC2541 transformer balun
17-Nov-2015
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
27-Jul-2016
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
04-Jun-2014
More results


Similar Description - BALF-2690-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
Low amplitude imbalance
28-Nov-2014
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
Low amplitude imbalance
02-May-2016
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
Low amplitude imbalance
29-Sep-2015
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
Low amplitude imbalance
17-Nov-2015
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
Low amplitude imbalance
22-Mar-2017
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
Low amplitude imbalance
07-Dec-2016
logo
WALSIN TECHNOLOGY CORPO...
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com